Part Number Hot Search : 
FE01003 AHCT1 29F800 0ETTTS MJD350 NZGL00 MC140 W78M32
Product Description
Full Text Search
 

To Download IDT74FCT163952C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
FEATURES: DESCRIPTION:
IDT74FCT163952A/C
* 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * Rail-to-rail output swing for increased noise margin * Low Ground Bounce (0.3V typ.) * Inputs (except I/O) can be driven by 3.3V or 5V components * Available in SSOP and TSSOP packages
The FCT163952 16-bit registered transceiver is built using advanced dual metal CMOS technology. These high-speed, low-power devices are organized as two independent 8-bit D-type registered transceivers with separate input and output control for independent control of data flow in either direction. For example, the A-to-B Enable (xCEAB) must be LOW to enter data from the A port. xCLKAB controls the clocking function. When xCLKAB toggles from low-to-high, the data present on the A port will be clocked into the register. xOEAB performs the output enable function on the B port. Data flow from the B port to A port is similar but requires using xCEBA, xCLKBA, and xOEBA inputs. Full 16-bit operation is achieved by tying the control pins of the independent transceivers together. The FCT163952 has series current limiting resistors. These offer low ground bounce, minimal undershoot, and controlled output fall times- reducing the need for external series terminating resistors.
FUNCTIONAL BLOCK DIAGRAM
54 1CEBA 55 1CLKBA 1 1OEAB 3 1CEAB 2 1CLKAB 56 1OEBA 5 1A1 C CE D C CE D 2OEBA 2CLKAB 2CEAB 2OEAB 2CLKBA 2CEBA
31
30 28
26
27 29 C CE D C CE D
52 1B1
2A1
15
42 2B1
TO SEVEN OTHER CHANNELS
TO SEVEN OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
APRIL 2002
DSC-3096/1
IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1OEAB 1CLKAB 1CEAB
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +4.6 -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to +60 Unit V V V C mA
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1OEBA 1CLKBA 1CEBA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
VTERM(2) VTERM(3) VTERM(4) TSTG IOUT
GND
1A1 1A2
GND
1B1 1B2
VCC
1A3 1A4 1A5
VCC
1B3 1B4 1B5
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. Input terminals. 4. Outputs and I/O terminals.
GND
1A6 1A7 1A8 2A1 2A2 2A3
GND
1B6 1B7 1B8 2B1 2B2 2B3
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
GND
2A4 2A5 2A6
GND
2B4 2B5 2B6
NOTE: 1. This parameter is measured at characterization but not tested.
FUNCTION TABLE(1,3)
Inputs xCEAB H X L L X xCLKAB X L X xOEAB L L L L H xAx X X L H X Outputs xBx B(2) B(2) L H Z
VCC
2A7 2A8
VCC
2B7 2B8
GND
2CEAB 2CLKAB 2OEAB
GND
2CEBA 2CLKBA 2OEBA
SSOP/ TSSOP TOP VIEW
PIN DESCRIPTION
Pin Names xOEAB xOEBA xCEAB xCEBA xCLKAB xCLKBA xAx xBx Description A-to-B Output Enable Input (Active LOW) B-to-A Output Enable Input (Active LOW) A-to-B Clock Enable Input (Active LOW) B-to-A Clock Enable Input (Active LOW) A-to-B Clock Input B-to-A Clock Input A-to-B Data Inputs or B-to-A 3-State Outputs B-to-A Data Inputs or A-to-B 3-State Outputs
NOTES: 1. A-to-B data flow is shown: B-to-A data flow is similar but uses xCEBA, xCLKBA, and xOEBA. 2. Level of B before the indicated steady-state input conditions were established. 3. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW-to-HIGH Transition Z = High-impedance
2
IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 2.7V to 3.6V
Symbol VIH VIL IIH IIL IOZH IOZL VIK IODH IODL VOH Parameter Input HIGH Level (Input pins) Input HIGH Level (I/O pins) Input LOW Level (Input and I/O pins) Guaranteed Logic LOW Level Input HIGH Current (Input pins) Input HIGH Current (I/O pins) Input LOW Current (Input pins) Input LOW Current (I/O pins) High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Output HIGH Current Output LOW Current Output HIGH Voltage VCC = Min., IIN = -18mA VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V VCC = Min. VIN = VIH or VIL VCC = 3V VIN = VIH or VIL VOL Output LOW Voltage VCC = Min. VIN = VIH or VIL VCC = 3V VIN = VIH or VIL IOS VH ICCL ICCH ICCZ Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC
(4) (3) (3)
Test Conditions(1) Guaranteed Logic HIGH Level
Min. 2 2 -0.5
Typ.(2) -- -- -- -- -- -- -- -- -- -0.7 -60 90 -- 3 3 -- 0.2 0.3 0.3 -135 150 0.1
Max. 5.5 VCC+0.5 0.8 1 1 1 1 1 1 -1.2 -110 200 -- -- -- 0.2 0.4 0.55 0.5 -240 -- 10
Unit V V A
VCC = Max.
VI = 5.5V VI = VCC VI = GND VI = GND
-- -- -- -- -- -- -- -36 50 VCC-0.2 2.4 2.4
(5)
VCC = Max.
VO = VCC VO = GND
A
V mA mA V
IOH = -0.1mA IOH = -3mA IOH = -8mA IOL = 0.1mA IOL = 16mA IOL = 24mA IOL = 24mA
-- -- -- -- -60
V
VCC = Max., VO = GND(3) --
mA mV A
-- --
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not tested. 5. VOH = VCC-0.6V at rated current.
3
IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = VCC - 0.6V(3) VCC = Max. Outputs Open xOEAB or xOEBA = GND One Input Togging 50% Duty Cycle VCC = Max.,Outputs Open fCP = 10MHz (xCLKAB) 50% Duty Cycle xOEAB = xCEAB = GND xOEBA = VCC One Bit Toggling fi = 5MHz 50% Duty Cycle VCC = Max.,Outputs Open fCP = 10MHz (xCLKAB) 50% Duty Cycle xOEAB = xCEAB = GND xOEBA = VCC Sixteen BitsTogging fi = 2.5MHz 50% Duty Cycle
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input. All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
Test Conditions(1)
Min. --
Typ.(2) 2 60
Max. 100 100
Unit A A/ MHz
VIN = VCC VIN = GND
--
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = VCC - 0.6V VIN = GND
--
0.6
1
mA
--
0.6
1.1
VIN = VCC VIN = GND
--
2
3(5)
VIN = VCC - 0.6V VIN = GND
--
2
3.3(5)
4
IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tSU tH tW tSK(o) Parameter Propagation Delay xCLKAB, xCLKBA to xBx, xAx Output Enable Time xOEBA, xOEAB to xAx, xBx Output Disable Time xOEBA, xOEAB to xAx, xBx Set-up Time HIGH or LOW xAx, xBx to xCLKAB, xCLKBA Hold Time HIGH or LOW xAx, xBx to xCLKAB, xCLKBA Set-up Time HIGH or LOW xCEAB, xCEBA to xCLKAB, xCLKBA Hold Time HIGH or LOW xCEAB, xCEBA to xCLKAB, xCLKBA Pulse Width HIGH or LOW xCLKAB or xCLKBA(3) Output Skew(4) Condition(2) CL = 50pF RL = 500 FCT163952A Min.(3) Max. 2 1.5 1.5 2.5 2 3 2 3 -- 10 10.5 10 -- -- -- -- -- 0.5 FCT163952C Min.(3) Max. 2 1.5 1.5 2.5 1.5 3 2 3 -- 6.3 7 6.5 -- -- -- -- -- 0.5 Unit ns ns ns ns ns ns ns ns ns
NOTES: 1. See test circuits and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not tested. 4. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
5
IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 VOUT 6v Open GND
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch 6V GND Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH 6V tPZH SWITCH GND 3V 1.5V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ DISABLE 3V 1.5V 0V 3V 0.3V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 3. if VCC is below 3V, input voltage swings should be adjusted not to exceed VCC.
6
IDT74FCT163952A/C 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT FCT XXX XX Family Temp. Range XXXX Device Type X Package
PV PA
Shrink Small Outline Package Thin Shrink Small Outline Package
952A 952C
Non-Inverting 16-Bit Registered Transceiver
163 74
Double-Density 3.3Volt - 40C to +85C
DATA SHEET DOCUMENT HISTORY
4/19/2002 Removed B speed grade
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT163952C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X